Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123A Datasheet (PDF) - ATTEND Technology Inc.

123A Datasheet PDF - ATTEND Technology Inc.
Part # 123A
Download  123A Download
File Size   349.44 Kbytes
Page   5 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel

123A Datasheet (PDF)

Go To PDF Page Download Datasheet
123A Datasheet PDF - ATTEND Technology Inc.

Part # 123A
Download  123A Click to download

File Size   349.44 Kbytes
Page   5 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel

123A Datasheet (HTML) - ATTEND Technology Inc.


123A Product details

Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance requirements specification. Unless otherwise specified, all tests are performed at ambient environmental conditions.




Similar Part No. - 123A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
123A DBLECTRO-123A Datasheet
207Kb / 1P
3.6V/400mAh
logo
ATTEND Technology Inc.
123A-58B01 ATTEND-123A-58B01 Datasheet
353Kb / 3P
M.2 Socket, H5.8 B Key 0.5 Pitch G/F, Black, Reel
2021/06/08
123A-58E01 ATTEND-123A-58E01 Datasheet
353Kb / 3P
M.2 Socket, H5.8 B Key 0.5 Pitch G/F, Black, Reel
2021/06/08
123A-58M01 ATTEND-123A-58M01 Datasheet
353Kb / 3P
M.2 Socket, H5.8 B Key 0.5 Pitch G/F, Black, Reel
2021/06/08
123A-58X01 ATTEND-123A-58X01 Datasheet
353Kb / 3P
M.2 Socket, H5.8 B Key 0.5 Pitch G/F, Black, Reel
2021/06/08
More results


Similar Description - 123A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W162M2 ADVANTECH-EWM-W162M2_V01 Datasheet
297Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 M.2 2230 (E-Key) Card
24-Oct-2018
EWM-W195M2 ADVANTECH-EWM-W195M2 Datasheet
276Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 M.2 2230 (A-E Key) Card
21-Sep-2018
AIW-163BR ADVANTECH-AIW-163BR Datasheet
312Kb / 1P
IEEE 802.11ax/ac/a/b/g/n Bluetooth 5.2 M.2 2230 (A-E Key) Card
15-Apr-2022
EWM-W157M2 ADVANTECH-EWM-W157M2 Datasheet
438Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 M.2 2230 (A-E Key) Card
23-Sep-2019
EWM-W159M2 ADVANTECH-EWM-W159M2 Datasheet
280Kb / 1P
802.11 ac/a/b/g/n Bluetooth 5.0 M.2 2230 (A-E Key) Card
7-Apr-2022
EWM-W310S01E ADVANTECH-EWM-W310S01E Datasheet
346Kb / 1P
802.11 ac/a/b/g/n Bluetooth 5.0 M.2 1216 (A-E Key) Card
14-Dec-2021
logo
ATTEND Technology Inc.
123A-58X01 ATTEND-123A-58X01 Datasheet
353Kb / 3P
M.2 Socket, H5.8 B Key 0.5 Pitch G/F, Black, Reel
2021/06/08
123A-85H ATTEND-123A-85H Datasheet
357Kb / 4P
M2 CONNECTOR, A KEY, 0.5 PITCH, H8.5mm
2019/06/11
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com