Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115U-B100 Datasheet (PDF) - ATTEND Technology Inc.

115U-B100 Datasheet PDF - ATTEND Technology Inc.
Part # 115U-B100
Download  115U-B100 Download
File Size   319.07 Kbytes
Page   5 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel

115U-B100 Datasheet (PDF)

Go To PDF Page Download Datasheet
115U-B100 Datasheet PDF - ATTEND Technology Inc.

Part # 115U-B100
Download  115U-B100 Click to download

File Size   319.07 Kbytes
Page   5 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel

115U-B100 Datasheet (HTML) - ATTEND Technology Inc.


115U-B100 Product details

Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance requirements specification. Unless otherwise specified, all tests are performed at ambient environmental conditions.




Similar Part No. - 115U-B100

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
115U-A000 ATTEND-115U-A000 Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-A103 ATTEND-115U-A103 Datasheet
316Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115U-A103
2021/10/20
115U-T001 ATTEND-115U-T001 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
More results


Similar Description - 115U-B100

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
FMS006-2310-0 YAMAICHI-FMS006-2310-0 Datasheet
213Kb / 1P
SIM Card Reader (Push / Lock, Std. Type w/o Switch)
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS006-2620-0 YAMAICHI-FMS006-2620-0 Datasheet
124Kb / 1P
SIM Card Reader (Push / Push, Low Profile Std. Type w/o Switch)
logo
ATTEND Technology Inc.
112I ATTEND-112I Datasheet
298Kb / 3P
Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
2020/07/28
115A ATTEND-115A Datasheet
328Kb / 4P
SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
2022/03/04
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115S ATTEND-115S Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com