Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115A Datasheet (PDF) - ATTEND Technology Inc.

115A Datasheet PDF - ATTEND Technology Inc.
Part # 115A
Download  115A Download
File Size   328.88 Kbytes
Page   4 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)

115A Datasheet (PDF)

Go To PDF Page Download Datasheet
115A Datasheet PDF - ATTEND Technology Inc.

Part # 115A
Download  115A Click to download

File Size   328.88 Kbytes
Page   4 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)

115A Datasheet (HTML) - ATTEND Technology Inc.


115A Product details

Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance requirements specification. Unless otherwise specified, all tests are performed at ambient -environmental conditions.




Similar Part No. - 115A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results


Similar Description - 115A

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
FMS006-2310-0 YAMAICHI-FMS006-2310-0 Datasheet
213Kb / 1P
SIM Card Reader (Push / Lock, Std. Type w/o Switch)
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS006-2620-0 YAMAICHI-FMS006-2620-0 Datasheet
124Kb / 1P
SIM Card Reader (Push / Push, Low Profile Std. Type w/o Switch)
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
8 Pin SIM Card Reader (Push / Push with Switch)
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
ATTEND Technology Inc.
112I ATTEND-112I Datasheet
298Kb / 3P
Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
2020/07/28
115F ATTEND-115F Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com