Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2F-RJ002-POE Datasheet (PDF) - Bel Fuse Inc.

T2F-RJ002-POE Datasheet PDF - Bel Fuse Inc.
Part # T2F-RJ002-POE
Download  T2F-RJ002-POE Download
File Size   2784.68 Kbytes
Page   13 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description TFOCA Media Converters

T2F-RJ002-POE Datasheet (PDF)

Go To PDF Page Download Datasheet
T2F-RJ002-POE Datasheet PDF - Bel Fuse Inc.

Part # T2F-RJ002-POE
Download  T2F-RJ002-POE Click to download

File Size   2784.68 Kbytes
Page   13 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description TFOCA Media Converters

T2F-RJ002-POE Datasheet (HTML) - Bel Fuse Inc.


T2F-RJ002-POE Product details

Ethernet Connectivity in Rugged Environments
The Cinch Stratos T2 series media converter is a 2-channel optical transceiver and
media converter. Each channel interfaces with up to 1000MBPS Ethernet electrical
signals and converts to/from up to 1000MBPS optical signals. The optical interface
uses a TFOCA-II 4-CH connector and supports a variety of optical wavelengths &
fiber modes. The modular electrical interface uses either a MIL circular connector
or POE RJ45 mag-jacks.

Features
• Support up to a 2GBPS ethernet link (2 channels at 1GBPS each) over fiber
between linked devices.
• Rugged MIL Circular Connector or RJ45 POE for electrical interface.
• All units are 100% tested at both temperature extremes prior to shipment.
• MIL-STD-810 qualified for temperature, thermal shock, vibration, mechanical
shock, humidity, and altitude.
• FCC Class A compliant with internal & external EMI sealing.
• Built and tested in the USA.
• Durable Leaded Solder & Conformal Coating.
• Rugged PTFE anodized finish & all stainless-steel hardware.

Applications
• Oil & Gas
• Fire & Rescue
• Security
• Shipboard
• Tactical Communications
• Military Communications




Similar Part No. - T2F-RJ002-POE

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VH BEL-T2F-DTL002-24VH Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VH-LP BEL-T2F-DTL002-24VH-LP Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VM BEL-T2F-DTL002-24VM Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VM-LP BEL-T2F-DTL002-24VM-LP Datasheet
760Kb / 2P
Media Converter
More results


Similar Description - T2F-RJ002-POE

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
Copper to Fiber Media Converters
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
Copper-to-Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
Copper-to-Fiber Media Converters
EM316SW-XY MRV-EM316SW-XY Datasheet
568Kb / 5P
Fast Ethernet Multi-Function Media Converters
logo
Glenair, Inc.
8071-4648-M-72 GLENAIR-8071-4648-M-72 Datasheet
160Kb / 3P
Power Cable Assembly for Media Converters
8071-4649-M-72 GLENAIR-8071-4649-M-72 Datasheet
148Kb / 3P
Data Cable Assembly for Media Converters
8071-4650-MT-72 GLENAIR-8071-4650-MT-72 Datasheet
142Kb / 3P
Data Cable Assembly for Media Converters
logo
List of Unclassifed Man...
HEMC2 ETC2-HEMC2 Datasheet
402Kb / 3P
Media Converters
HEMC3 ETC2-HEMC3 Datasheet
392Kb / 3P
Media Converters
logo
Black Box Registered Tr...
LMC213A-SMSC-R2 BLACKBOX-LMC213A-SMSC-R2 Datasheet
634Kb / 6P
FlexPoint Modular Media Converters
05/14/2010
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com