Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2F-RJ002-POE Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # T2F-RJ002-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2F-RJ002-POE Datasheet(HTML) 1 Page - Bel Fuse Inc.

  T2F-RJ002-POE Datasheet HTML 1Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 2Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 3Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 4Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 5Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 6Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 7Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 8Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
belfuse.com/cinch
Stratos T2 Series
TFOCA Media Converters
Ethernet Connectivity in Rugged Environments
The Cinch Stratos T2 series media converter is a 2-channel optical transceiver and
media converter. Each channel interfaces with up to 1000MBPS Ethernet electrical
signals and converts to/from up to 1000MBPS optical signals. The optical interface
uses a TFOCA-II 4-CH connector and supports a variety of optical wavelengths &
fiber modes. The modular electrical interface uses either a MIL circular connector
or POE RJ45 mag-jacks.
Features
• Support up to a 2GBPS ethernet link (2 channels at 1GBPS each) over fiber
between linked devices.
• Rugged MIL Circular Connector or RJ45 POE for electrical interface.
• All units are 100% tested at both temperature extremes prior to shipment.
• MIL-STD-810 qualified for temperature, thermal shock, vibration, mechanical
shock, humidity, and altitude.
• FCC Class A compliant with internal & external EMI sealing.
• Built and tested in the USA.
• Durable Leaded Solder & Conformal Coating.
• Rugged PTFE anodized finish & all stainless-steel hardware.
Applications
• Oil & Gas
• Fire & Rescue
• Security
• Shipboard
• Tactical Communications
• Military Communications


Similar Part No. - T2F-RJ002-POE

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VH BEL-T2F-DTL002-24VH Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VH-LP BEL-T2F-DTL002-24VH-LP Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VM BEL-T2F-DTL002-24VM Datasheet
760Kb / 2P
Media Converter
T2F-DTL002-24VM-LP BEL-T2F-DTL002-24VM-LP Datasheet
760Kb / 2P
Media Converter
More results

Similar Description - T2F-RJ002-POE

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
Copper to Fiber Media Converters
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
Copper-to-Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
Copper-to-Fiber Media Converters
EM316SW-XY MRV-EM316SW-XY Datasheet
568Kb / 5P
Fast Ethernet Multi-Function Media Converters
logo
Glenair, Inc.
8071-4648-M-72 GLENAIR-8071-4648-M-72 Datasheet
160Kb / 3P
Power Cable Assembly for Media Converters
8071-4649-M-72 GLENAIR-8071-4649-M-72 Datasheet
148Kb / 3P
Data Cable Assembly for Media Converters
8071-4650-MT-72 GLENAIR-8071-4650-MT-72 Datasheet
142Kb / 3P
Data Cable Assembly for Media Converters
logo
List of Unclassifed Man...
HEMC2 ETC2-HEMC2 Datasheet
402Kb / 3P
Media Converters
HEMC3 ETC2-HEMC3 Datasheet
392Kb / 3P
Media Converters
logo
Black Box Registered Tr...
LMC213A-SMSC-R2 BLACKBOX-LMC213A-SMSC-R2 Datasheet
634Kb / 6P
FlexPoint Modular Media Converters
05/14/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com