Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2F-RJ002-POE Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # T2F-RJ002-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2F-RJ002-POE Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button T2F-RJ002-POE Datasheet HTML 5Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 6Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 7Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 8Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 9Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 10Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 11Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 12Page - Bel Fuse Inc. T2F-RJ002-POE Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
T2 Series Media Converters
11
belfuse.com/cinch
Mechanical Properties
Plating Specification
EMI conductive seal area
Chem film per MIL-DTL-5541 Type 1, Class 111
Color: Clear
All other areas
Hard Coat Anodize IAW MIL-A-8625
Type III, Class 2, Polytetrafluoroethyelene (PTFE) Impregnated,
0.0012in-.0018in THK
Color: Black
External O-Ring
Standard EMI O-Ring
Silicone Elastomer
Binder with silver aluminum conductive
Filler IAW MIL-DTL-83528G
Color: Light beige or blue
(Color depending on supplier))
Other external O-rings (non-conductive / non-EMI available by request)
Label
Torque Specifications
Item
Torque (in - lbs)
Recommended Tool
Description
Jam nut, optical lanyard
22 ± 2
1-3/8in
Wrench / socket wrench
Screw, grounding lug
22 ± 2
5/32in
Hex wrench
800-012-07NF8-13PN (T2F-DTL)
22 ± 2
Gleanair 600-146-04
13-pin spanner tool
800-012-07MT12-37PN (T2K-DTL)
22 ± 2
Glenair 600-146-08
37-pin spanner tool
*All dimensions in inches
Bulkhead Cutout Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com