Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAD500H Datasheet (PDF) - Renesas Technology Corp

NSAD500H Datasheet PDF - Renesas Technology Corp
Part # NSAD500H
Download  NSAD500H Download
File Size   297.82 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SURGE ABSORBER DEVICES

NSAD500H Datasheet (PDF)

Go To PDF Page Download Datasheet
NSAD500H Datasheet PDF - Renesas Technology Corp

Part # NSAD500H
Download  NSAD500H Click to download

File Size   297.82 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SURGE ABSORBER DEVICES

NSAD500H Datasheet (HTML) - Renesas Technology Corp


NSAD500H Product details

ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES
QUAD TYPE: COMMON ANODE
SC-88A PACKAGE

DESCRIPTION
NSAD500H is a low capacity ESD surge absorber developed for
100 to 500 Mbps-class data line ESD noise protection, such as
USB2.0, IEEE1394, or 100B.
Based on an IEC61000-4-2 test for electromagnetic interference
(EMI), this device assures an ESD endurance of 8 kV or more on
contact discharge, and its capacity between pins is as small as
about 3.5 pF TYP. Therefore, NSAD500H is suitable for external
interface protection on data communication whose speed has been
increasing.
FEATURES
• Base on the electrostatic discharge immunity test (IEC 61000-4-2)
product assures the minimum endurance of 8 kV.
• Capacitance: 3.5 pF TYP.
It’s an extraordinarily small capacitance.
• With 4 elements mounted (common anode).
Mounted in the SC-88A package, the products can achiever high
density and automatic packaging.
APPLICATIONS
• USB2.0, IEEE1394, 100B external interface circuit ESD protection.




Similar Part No. - NSAD500H

ManufacturerPart #DatasheetDescription
logo
NEC
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
More results


Similar Description - NSAD500H

ManufacturerPart #DatasheetDescription
logo
NEC
NSAD500S NEC-NSAD500S Datasheet
33Kb / 5P
SURGE ABSORBER DEVICES
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
SURGE ABSORBER
RHCA-900Q31U OKAYA-RHCA-900Q31U Datasheet
361Kb / 2P
SURGE ABSORBER
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HA41-141N HUAXINAN-HA41-141N Datasheet
361Kb / 7P
Surge Absorber
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
Surge Absorber
HAE-301M HUAXINAN-HAE-301M Datasheet
350Kb / 8P
Surge Absorber
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
Surge Absorber
logo
Renesas Technology Corp
NSAD500F RENESAS-NSAD500F Datasheet
261Kb / 7P
SURGE ABSORBER DEVICES
2003
NSAD500S RENESAS-NSAD500S Datasheet
263Kb / 7P
SURGE ABSORBER DEVICES
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com