Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAD500S Datasheet (PDF) - Renesas Technology Corp

NSAD500S Datasheet PDF - Renesas Technology Corp
Part # NSAD500S
Download  NSAD500S Download
File Size   263.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SURGE ABSORBER DEVICES

NSAD500S Datasheet (PDF)

Go To PDF Page Download Datasheet
NSAD500S Datasheet PDF - Renesas Technology Corp

Part # NSAD500S
Download  NSAD500S Click to download

File Size   263.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SURGE ABSORBER DEVICES

NSAD500S Datasheet (HTML) - Renesas Technology Corp


NSAD500S Product details

ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES
DUAL TYPE: COMMON ANODE
SC-70 PACKAGE

DESCRIPTION
This product series is a low capacity for ESD surge absorber
devices. Use by 100 to 500 Mbps class data line (USB2.0,
IEEE1394, 100B, etc.).
Based on the IEC 61000-4-2 test on electromagnetic interference
(EMI), the devices assures an endurance of no less than 8 kV, thus
making itself most suitable for external high signal interface circuit
protection.
FEATURES
• Base on the electrostatic discharge immunity test (IEC 61000-4-2)
product assures the minimum endurance of 8 kV.
• Capacitance: 3.5 pF TYP.
It’s an extraordinarily small capacitance.
• With 2 elements mounted (common anode).
Mounted in the SC-70 package, the products can achiever high
density and automatic packaging.
APPLICATIONS
• USB2.0, IEEE1394, 100B external interface circuit ESD protection.




Similar Part No. - NSAD500S

ManufacturerPart #DatasheetDescription
logo
NEC
NSAD500S NEC-NSAD500S Datasheet
33Kb / 5P
SURGE ABSORBER DEVICES
More results


Similar Description - NSAD500S

ManufacturerPart #DatasheetDescription
logo
NEC
NSAD500S NEC-NSAD500S Datasheet
33Kb / 5P
SURGE ABSORBER DEVICES
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
SURGE ABSORBER
RHCA-900Q31U OKAYA-RHCA-900Q31U Datasheet
361Kb / 2P
SURGE ABSORBER
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HA41-141N HUAXINAN-HA41-141N Datasheet
361Kb / 7P
Surge Absorber
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
Surge Absorber
HAE-301M HUAXINAN-HAE-301M Datasheet
350Kb / 8P
Surge Absorber
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
Surge Absorber
logo
Renesas Technology Corp
NSAD500F RENESAS-NSAD500F Datasheet
261Kb / 7P
SURGE ABSORBER DEVICES
2003
NSAD500H RENESAS-NSAD500H Datasheet
297Kb / 7P
SURGE ABSORBER DEVICES
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com