Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8300CE-CC Datasheet (PDF) - Renesas Technology Corp

NX8300CE-CC Datasheet PDF - Renesas Technology Corp
Part # NX8300CE-CC
Download  NX8300CE-CC Download
File Size   245.61 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX8300CE-CC Datasheet (PDF)

Go To PDF Page Download Datasheet
NX8300CE-CC Datasheet PDF - Renesas Technology Corp

Part # NX8300CE-CC
Download  NX8300CE-CC Click to download

File Size   245.61 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX8300CE-CC Datasheet (HTML) - Renesas Technology Corp


NX8300CE-CC Product details

1 310 nm InGaAsP MQW-DFB LASER DIODE
COAXIAL MODULE FOR 2.5 Gb/s

DESCRIPTION
The NX8300BE-CC and NX8300CE-CC are 1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed- Back (DFB) laser diode coaxial modules with an internal optical isolator.
These modules are ideal as a light source for Synchronous Digital Hierarchy (SDH) system, STM-16, short-haul S-16.1 and long-haul L-16.1 ITU-T recommendations.

FEATURES
• Internal optical isolator
• High-speed response tr = 40 ps, tf = 100 ps
• Peak emission wavelength lp = 1 310 nm
• Optical output power Pf = 2.0 mW
• Wide operating temperature range TC = 0 to +75°C
• InGaAs monitor PIN-PD
• With SC-UPC connector
• Based on Telcordia reliability




Similar Part No. - NX8300CE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8300CE-CC CEL-NX8300CE-CC Datasheet
125Kb / 5P
InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
NX8300CE-CC CEL-NX8300CE-CC Datasheet
126Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results


Similar Description - NX8300CE-CC

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com