Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8300CE-CC Datasheet (PDF) - California Eastern Labs

NX8300CE-CC Datasheet PDF - California Eastern Labs
Part # NX8300CE-CC
Download  NX8300CE-CC Download
File Size   125.87 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION

NX8300CE-CC Datasheet (PDF)

Go To PDF Page Download Datasheet
NX8300CE-CC Datasheet PDF - California Eastern Labs

Part # NX8300CE-CC
Download  NX8300CE-CC Click to download

File Size   125.87 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION

NX8300CE-CC Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX8300CE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8300CE-CC CEL-NX8300CE-CC Datasheet
126Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX8300CE-CC RENESAS-NX8300CE-CC Datasheet
245Kb / 13P
LASER DIODE
2002
More results


Similar Description - NX8300CE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
Renesas Technology Corp
NX6410GH RENESAS-NX6410GH Datasheet
178Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH Datasheet
177Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX8504BE CEL-NX8504BE Datasheet
112Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
Renesas Technology Corp
NX6410GH RENESAS-NX6410GH_15 Datasheet
170Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH_15 Datasheet
170Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com