Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC106EC Datasheet (PDF) - NXP Semiconductors

MPC106EC Datasheet PDF - NXP Semiconductors
Part # MPC106EC
Download  MPC106EC Download
File Size   443.98 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC106 PCI Bridge/Memory Controller Hardware Specifications

MPC106EC Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC106EC Datasheet PDF - NXP Semiconductors

Part # MPC106EC
Download  MPC106EC Click to download

File Size   443.98 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC106 PCI Bridge/Memory Controller Hardware Specifications

MPC106EC Datasheet (HTML) - NXP Semiconductors


MPC106EC Product details

Features
This section summarizes the major features of the 106, as follows:
• 60x processor interface
— Supports up to four 60x processors
— Supports various operating frequencies and bus divider ratios
— 32-bit address bus, 64-bit data bus
— Supports full memory coherency
— Supports optional 60x local bus slave
— Decoupled address and data buses for pipelining of 60x accesses
— Store gathering on 60x-to-PCI writes
• Secondary (L2) cache control
— Configurable for write-through or write-back operation
— Supports cache sizes of 256 Kbytes, 512 Kbytes, and 1 Mbyte
— Up to 4 Gbytes of cacheable space
— Direct-mapped
— Supports byte parity
— Supports partial update with external byte decode for write enables
— Programmable interface timing
— Supports pipelined burst, synchronous burst, or asynchronous SRAMs
— Alternately supports an external L2 cache controller or integrated L2 cache module
• Memory interface
— 1 Gbyte of RAM space, 16 Mbytes of ROM space
— Supports parity or error checking and correction (ECC)
— High-bandwidth, 64-bit data bus (72 bits including parity or ECC)
— Supports fast page mode DRAMs, extended data out (EDO) DRAMs, and synchronous
DRAMs (SDRAMs)
— Supports 1 to 8 banks of DRAM/EDO/SDRAM with sizes ranging from 2 Mbyte to
128 Mbytes per bank
— ROM space may be split between the PCI bus and the 60x/memory bus (8 Mbytes each)
— Supports 8-bit asynchronous ROM or 64-bit burst-mode ROM
— Supports writing to Flash ROM
— Configurable external buffer control logic
— Programmable interface timing
• PCI interface
— Compliant with
PCI Local Bus Specification,
Revision 2.1
— Supports PCI interlocked accesses to memory using LOCK signal and protocol
— Supports accesses to all PCI address spaces
— Selectable big- or little-endian operation
— Store gathering on PCI writes to memory
— Selectable memory prefetching of PCI read accesses
— Only one external load presented by the MPC106 to the PCI bus
— Interface operates at 20–33 MHz
— Word parity supported
— 3.3 V/5.0 V-compatible
• Support for concurrent transactions on 60x and PCI buses
• Power management
— Fully-static 3.3-V CMOS design
— Supports 60x nap, doze, and sleep power management modes and suspend mode
• IEEE 1149.1-compliant, JTAG boundary-scan interface
• 304-pin ceramic ball grid array (CBGA) package




Similar Part No. - MPC106EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC106ARX66CE MOTOROLA-MPC106ARX66CE Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC106ARX66CG MOTOROLA-MPC106ARX66CG Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC106ARX66DE MOTOROLA-MPC106ARX66DE Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC106ARX66DG MOTOROLA-MPC106ARX66DG Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
More results


Similar Description - MPC106EC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
Graphics Controller Hardware Specifications
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
PCI Bridge Memory Controller
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
logo
Motorola, Inc
XPC850ZT50BU MOTOROLA-XPC850ZT50BU Datasheet
778Kb / 76P
Communications Controller Hardware Specifications
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MC92460EC NXP-MC92460EC Datasheet
185Kb / 16P
MC92460 HDLC Controller Hardware Specifications
Rev. 1.0, 5/2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com