Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC106 Datasheet (PDF) - Motorola, Inc

MPC106 Datasheet PDF - Motorola, Inc
Part # MPC106
Download  MPC106 Download
File Size   142.71 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PCI Bridge/Memory Controller

MPC106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC106 Datasheet PDF - Motorola, Inc

Part # MPC106
Download  MPC106 Click to download

File Size   142.71 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PCI Bridge/Memory Controller

MPC106 Datasheet (HTML) - Motorola, Inc


MPC106 Product details

Overview
The MPC106 provides an integrated high-bandwidth, high-performance, TTL-compatible interface between a 60x processor, a secondary (L2) cache or additional (up to four total) 60x processors, the PCI bus, and main memory. This section provides a block diagram showing the major functional units of the 106 and describes briefly how those units interact.
Figure 1 shows the major functional units within the 106. Note that this is a conceptual block diagram intended to show the basic features rather than how these features are physically implemented on the device.

Features
This section summarizes the major features of the 106, as follows:
• 60x processor interface
   — Supports up to four 60x processors
   — Supports various operating frequencies and bus divider ratios
   — 32-bit address bus, 64-bit data bus
   — Supports full memory coherency
   — Supports optional 60x local bus slave
   — Decoupled address and data buses for pipelining of 60x accesses
   — Store gathering on 60x-to-PCI writes
• Secondary (L2) cache control
   — Configurable for write-through or write-back operation
   — Supports cache sizes of 256 Kbytes, 512 Kbytes, and 1 Mbyte
   — Up to 4 Gbytes of cacheable space
   — Direct-mapped
   — Supports byte parity
   — Supports partial update with external byte decode for write enables
   — Programmable interface timing
   — Supports pipelined burst, synchronous burst, or asynchronous SRAMs
   — Alternately supports an external L2 cache controller or integrated L2 cache module
• Memory interface
   — 1 Gbyte of RAM space, 16 Mbytes of ROM space
   — Supports parity or error checking and correction (ECC)
   — High-bandwidth, 64-bit data bus (72 bits including parity or ECC)
   — Supports fast page mode DRAMs, extended data out (EDO) DRAMs, and synchronous DRAMs (SDRAMs)
   — Supports 1 to 8 banks of DRAM/EDO/SDRAM with sizes ranging from 2 Mbyte to 128 Mbytes per bank
   — ROM space may be split between the PCI bus and the 60x/memory bus (8 Mbytes each)
   — Supports 8-bit asynchronous ROM or 64-bit burst-mode ROM
   — Supports writing to Flash ROM
   — Configurable external buffer control logic
   — Programmable interface timing
• PCI interface
   — Compliant with PCI Local Bus Specification, Revision 2.1
   — Supports PCI interlocked accesses to memory using LOCK signal and protocol
   — Supports accesses to all PCI address spaces
   — Selectable big- or little-endian operation
   — Store gathering on PCI writes to memory
   — Selectable memory prefetching of PCI read accesses
   — Only one external load presented by the MPC106 to the PCI bus
   — Interface operates at 20–33 MHz
   — Word parity supported
   — 3.3 V/5.0 V-compatible
• Support for concurrent transactions on 60x and PCI buses
• Power management
   — Fully-static 3.3-V CMOS design
   — Supports 60x nap, doze, and sleep power management modes and suspend mode
• IEEE 1149.1-compliant, JTAG boundary-scan interface
• 304-pin ceramic ball grid array (CBGA) package




Similar Part No. - MPC106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC106ARX66CE NXP-MPC106ARX66CE Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MPC106ARX66CG NXP-MPC106ARX66CG Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MPC106ARX66DE NXP-MPC106ARX66DE Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MPC106ARX66DG NXP-MPC106ARX66DG Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MPC106ARX66TE NXP-MPC106ARX66TE Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
More results


Similar Description - MPC106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
PCI2040 PCI-DSP Bridge controller
logo
Intel Corporation
82434LX INTEL-82434LX Datasheet
2Mb / 191P
PCI, CACHE AND MEMORY CONTROLLER PCMC
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
PCI Bridge Memory Controller
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
PCI to SD Memory Card / SmartMedia™ Interface Controller
11-Jan-2026
logo
Texas Instruments
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
PCI2040 PCI-DSP Bridge Controller
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com