Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82434LX Datasheet (PDF) - Intel Corporation

82434LX Datasheet PDF - Intel Corporation
Part # 82434LX
Download  82434LX Download
File Size   2654.73 Kbytes
Page   191 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PCI, CACHE AND MEMORY CONTROLLER PCMC

82434LX Datasheet (PDF)

Go To PDF Page Download Datasheet
82434LX Datasheet PDF - Intel Corporation

Part # 82434LX
Download  82434LX Click to download

File Size   2654.73 Kbytes
Page   191 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PCI, CACHE AND MEMORY CONTROLLER PCMC

82434LX Datasheet (HTML) - Intel Corporation


82434LX Product details

The 82434LX/82434NX PCI, Cache, Memory Controllers (PCMC) integrate the cache and main memory DRAM control functions and provide bus control for transfers between the CPU, cache, main memory, and the PCI Local Bus. The cache controller supports write-back (or write-through for 82434LX) cache policy and cache sizes of 256-KBytes and 512-KBytes. The cache memory can be implemented with either standard or burst SRAMs. The PCMC cache controller integrates a high-performance Tag RAM to reduce system cost.

■ Supports the PentiumTM Processor at iCOMPTM Index 510T60 MHz and iCOMP Index 567T66 MHz
■ Supports the Pentium Processor at iCOMP Index 735T90 MHz, iCOMP Index 815T100 MHz, and iCOMP Index 610T75 MHz
■ Supports Pipelined Addressing Capability of the Pentium Processor
■ The 82430NX Drives 3.3V Signal Levels on the CPU and Cache Interfaces
■ High Performance CPU/PCI/Memory Interfaces via Posted Write and Read Prefetch Buffers
■ Fully Synchronous PCI Interface with Full Bus Master Capability
■ Supports the Pentium Processor Internal Cache in Either Write-Through or Write-Back Mode
■ Programmable Attribute Map of DOS and BIOS Regions for System Flexibility
■ Integrated Low Skew Clock Driver for Distributing Host Clock
■ Integrated Second Level Cache Controller
    — Integrated Cache Tag RAM
    — Write-Through and Write-Back Cache Modes for the 82434LX
    — Write-Back for the 82434NX
    — 82434NX Supports Low-Power Cache Standby
    — Direct Mapped Organization
    — Supports Standard and Burst SRAMs
    — 256-KByte and 512-KByte Sizes
    — Cache Hit Cycle of 3-1-1-1 on Reads and Writes Using Burst SRAMs
    — Cache Hit Cycle of 3-2-2-2 on Reads and 4-2-2-2 on Writes Using Standard SRAMs
■ Integrated DRAM Controller
    — Supports 2 MBytes to 192 MBytes of Cacheable Main Memory for the 82434LX
    — Supports 2 MBytes to 512 MBytes of Cacheable Main Memory for the 82434NX
    — Supports DRAM Access Times of 70 ns and 60 ns
    — CPU Writes Posted to DRAM 4-1-1-1
    — Refresh Cycles Decoupled from ISA Refresh to Reduce the DRAM Access Latency
    — Six RASÝ Lines (82434LX)
    — Eight RASÝ Lines (82434NX)
    — Refresh by RASÝ-Only, or CASBefore-RASÝ, in Single or Burst of Four
■ Host/PCI Bridge
    — Translates CPU Cycles into PCI Bus Cycles
    — Translates Back-to-Back Sequential CPU Memory Writes into PCI Burst Cycles
    — Burst Mode Writes to PCI in Zero PCI Wait-States (i.e. Data Transfer Every Cycle)
    — Full Concurrency Between CPU-toMain Memory and PCI-to-PCI Transactions
    — Full Concurrency Between CPU-toSecond Level Cache and PCI-to-Main Memory Transactions
    — Same Cache and Memory System Logic Design for ISA and EISA Systems
    — Cache Snoop Filter Ensures Data Consistency for PCI-to-Main Memory Transactions
■ 208-Pin QFP Package




Similar Part No. - 82434LX

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8243 FILTRAN-8243 Datasheet
198Kb / 1P
LAN 10/100 BASE-T Single Port Transformer Modules
logo
API Technologies Corp
8243 APITECH-8243 Datasheet
659Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Heyco.
8243 HEYCO-8243 Datasheet
149Kb / 1P
Heavy Duty Ground Pins – Female
logo
Santronics Inc
8243 SCS-8243 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
RAF ELECTRONIC HARDWARE
8243-1032-SS RAF-8243-1032-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results


Similar Description - 82434LX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
PCI Bridge Memory Controller
logo
List of Unclassifed Man...
VL82C325 ETC1-VL82C325 Datasheet
3Mb / 58P
VL82C386SX SYSTEM CACHE CONTROLLER
logo
Intel Corporation
82845PE INTEL-82845PE Datasheet
2Mb / 176P
82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
logo
Motorola, Inc
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
PCI to SD Memory Card / SmartMedia™ Interface Controller
11-Jan-2026
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
Intel Corporation
316966-002 INTEL-316966-002 Datasheet
2Mb / 437P
Graphics and Memory Controller Hub
logo
List of Unclassifed Man...
9750-4I ETC2-9750-4I Datasheet
886Kb / 3P
512MB 800MHz DDRII cache memory
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com