Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR3.3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SR3.3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SR3.3
Download  SR3.3 Download
File Size   1222.94 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 3.3V Low Capacitance TVS Diode Array

SR3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR3.3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SR3.3
Download  SR3.3 Click to download

File Size   1222.94 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 3.3V Low Capacitance TVS Diode Array

SR3.3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SR3.3 Product details

Features
Ultra low leakage: nA level
Operating voltage: 3.3V
Low clamping voltage
Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
-IEC61000-4-5 (Lightning)4A (8/20μs)
RoHS Compliant




Similar Part No. - SR3.3

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR3.3 PROTEC-SR3.3 Datasheet
95Kb / 3P
STEERING DIODE / TVS ARRAY COMBO
SR3.3 PROTEC-SR3.3 Datasheet
78Kb / 3P
STEERING DIODE/TVS ARRAY COMBO
logo
Semtech Corporation
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SR3.3 PROTEC-SR3.3 Datasheet
484Kb / 6P
ultra low capacitance steering diode/TVS array
SR3.3 PROTEC-SR3.3 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Similar Description - SR3.3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
Low Capacitance 3.3V TVS Diode Array
logo
TECH PUBLIC Electronics...
TPESD03Y2S4 TECHPUBLIC-TPESD03Y2S4 Datasheet
1Mb / 4P
3.3V Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com