Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJDLLLC05 Datasheet (PDF) - Pan Jit International Inc.

PJDLLLC05 Datasheet PDF - Pan Jit International Inc.
Part # PJDLLLC05
Download  PJDLLLC05 Download
File Size   316.67 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Low Capacitance TVS Diode Array

PJDLLLC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJDLLLC05 Datasheet PDF - Pan Jit International Inc.

Part # PJDLLLC05
Download  PJDLLLC05 Click to download

File Size   316.67 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Low Capacitance TVS Diode Array

PJDLLLC05 Datasheet (HTML) - Pan Jit International Inc.


PJDLLLC05 Product details

Low Capacitance TVS Diode Array

This diode array is configured to protect up to two high speed data transmission lines, used in Low Voltage Differential Signal (LVDS) ports. Acting as a line terminator, minimizes overshoot and undershoot conditions due to bus impedance, as well as protect against over-voltage events as electrostatic discharges. The line-line concept minimizes the problems to customers to re-route PCB lines, simplifying the design.

SPECIFICATION FEATURES
● Maximum Capacitance of 1.2pF at 0Vdc 1MHz Line-to-Ground
● Maximum Leakage Current of 1.0µA @ VRWM
● Industry Standard SMT Package SOT563
● IEC61000-4-2 Full Compliance; 15kV Air, 8kV Contact*
● 100% Tin Matte finish (LEAD-FREE PRODUCT)

APPLICATIONS
● USB 2.0 and Firewire Port Protection
● HDMI Version 1.3
● DVI




Similar Part No. - PJDLLLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC70 PANJIT-PJDLLLC70 Datasheet
317Kb / 3P
Very Low Capacitance Diode Array
More results


Similar Description - PJDLLLC05

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
StarHope
TUSD02FBX SPSEMI-TUSD02FBX Datasheet
652Kb / 3P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com