Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJDLLLC05 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJDLLLC05
Description  Low Capacitance TVS Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLLLC05 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJDLLLC05 Datasheet HTML 1Page - Pan Jit International Inc. PJDLLLC05 Datasheet HTML 2Page - Pan Jit International Inc. PJDLLLC05 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
I/O Data line +
I/O Data line -
Ground
PJDLLLC05
Low Capacitance TVS Diode Array
SPECIFICATION FEATURES
APPLICATIONS
This diode array is configured to protect up to two high speed data
transmission lines, used in Low Voltage Differential Signal (LVDS) ports.
Acting as a line terminator, minimizes overshoot and undershoot conditions
due to bus impedance, as well as protect against over-voltage events as
electrostatic discharges. The line-line concept minimizes the problems to
customers to re-route PCB lines, simplifying the design.
Maximum Capacitance of 1.2pF at 0Vdc 1MHz Line-to-Ground
Industry Standard SMT Package SOT563
Maximum Leakage Current of 1.0µA @ VRWM
USB 2.0 and Firewire Port Protection
HDMI Version 1.3
7/23/2009
Page 1
www.panjit.com
DVI
IEC61000-4-2 Full Compliance; 15kV Air, 8kV Contact*
100% Tin Matte finish (LEAD-FREE PRODUCT)
Gnd
Line1
Line2
Line1
Line2
SOT563 Package
1
2
3
4
6
5
Line-line concept ease the PCB design, directly placing the device over
the data lines, opening only the contact points. VREF is fixed by the
operating voltage, referenced to the ground.
Note: pins 1and 6 (Line1), pins 3 and 4 (
Line2) and pins 2 and 5 (Gnd) must be
connected externally, as the drawing
attached below.
12
3
4
5
6
4
1
2
3
6
5
Gnd
MAXIMUM RATINGS
Rating
Symbol
Value
Units
Peak Pulse Power (8/20µs Waveform)
Peak Pulse Current (8/20µs Waveform)
Operating Junction Temperature Range
Storage Temperature Range
Soldering Temperature, t max = 10s
50
W
A
6
°C
-55 to +125
°C
-55 to +150
°C
260
P
I
T
T
T
PPM
L
PP
stg
Tj = 25°C Unless otherwise noted
J
MARKING : 05


Similar Part No. - PJDLLLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC70 PANJIT-PJDLLLC70 Datasheet
317Kb / 3P
Very Low Capacitance Diode Array
More results

Similar Description - PJDLLLC05

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
StarHope
TUSD02FBX SPSEMI-TUSD02FBX Datasheet
652Kb / 3P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com