Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3480 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

LM3480 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # LM3480
Download  LM3480 Download
File Size   1286.15 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator

LM3480 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3480 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # LM3480
Download  LM3480 Click to download

File Size   1286.15 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator

LM3480 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


LM3480 Product details

Features
* Maximum Output Current lo: 0.1 A
* Output Voltage Vo: 5 V
* Continuous Total Dissipation
* PD: 0.25 W (Ta= 25 °C)




Similar Part No. - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480 TI-LM3480 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480 TI2-LM3480 Datasheet
720Kb / 22P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
REVISED SEPTEMBER 2015
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
Linear Voltage Regulator
More results


Similar Description - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com