Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3480 Datasheet (PDF) - Texas Instruments

LM3480 Datasheet PDF - Texas Instruments
Part # LM3480
Download  LM3480 Download
File Size   720.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator

LM3480 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3480 Datasheet PDF - Texas Instruments

Part # LM3480
Download  LM3480 Click to download

File Size   720.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator

LM3480 Datasheet (HTML) - Texas Instruments


LM3480 Product details

1 Features
1• Input Voltage Range: up to 30 V
• 3.3-V, 5-V, 12-V, and 15-V Versions Available
• Packaged in the Tiny 3-Lead SOT-23 Package
• 30-V Maximum Input for Operation
• 1.2-V Ensured Maximum Dropout Over Full Load
and Temperature Ranges
• 100-mA Ensured Minimum Load Current
• ±5% Ensured Output Voltage Tolerance Over Full
Load and Temperature Ranges
• −40 to +125°C Junction Temperature Range for
Operation

2 Applications
• Tiny Alternative to LM78Lxx Series and Similar
Devices
• Tiny 5-V ±5% to 3.3-V, 100-mA Converter
• Post Regulator for Switching DC/DC Converter
• Bias Supply for Analog Circuits

3 Description
The LM3480 is an integrated linear voltage regulator.
It features operation from an input as high as 30 V and an ensured maximum dropout of 1.2 V at the full
100-mA load. Standard packaging for the LM3480 is
the 3-lead SOT-23 package.
The 5-V, 12-V, and 15-V members of the LM3480
series are intended as tiny alternatives to industry
standard LM78Lxx series and similar devices. The
1.2-V quasi-low dropout of LM3480 series devices makes them a nice fit in many applications where the
2-V to 2.5-V dropout of LM78Lxx series devices
precludes their (LM78Lxx series devices) use.
The LM3480 series also features a 3.3-V member.
The SOT-23 packaging and quasi-low dropout
features of the LM3480 series converge in this device
to provide a very nice, very tiny, 3.3-V, 100-mA bias
supply that regulates directly off the system 5-V ±5%
power supply.




Similar Part No. - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480 TI-LM3480 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480 TECHPUBLIC-LM3480 Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
Linear Voltage Regulator
More results


Similar Description - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com