Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4A201 Datasheet (PDF) - Renesas Technology Corp

4A201 Datasheet PDF - Renesas Technology Corp
Part # 4A201
Download  4A201 Download
File Size   419.7 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH

4A201 Datasheet (PDF)

Go To PDF Page Download Datasheet
4A201 Datasheet PDF - Renesas Technology Corp

Part # 4A201
Download  4A201 Click to download

File Size   419.7 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH

4A201 Datasheet (HTML) - Renesas Technology Corp


4A201 Product details

FEATURES:
• Low ON resistance: rDS(ON) = 5Ω
• Fast transition time: tTRAN = 6ns
• Wide bandwidth: 1.3GHz (-3dB point)
• Crosstalk: 90dB at 50KHz, -40dB at 5MHz, -30dB at 30MHz
• Off-isolation: -70dB at 50KHz, -40dB at 5MHz, -30dB at
30MHz
• Single 5V supply
• Can be used as multiplexer or demultiplexer
• TTL-compatible control inputs
• Ultra-low quiescent current: 3μA
• Switch turn on time of 6.5ns
• Available in QSOP package
APPLICATIONS:
• High-speed video signal switching/routing
• HDTV-quality video signal routing
• Phase reversal
• Data acquisition
• ATE systems
• Telecomm routing
• Token Ring transceivers
• High-speed networking




Similar Part No. - 4A201

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
4A20 FERROXCUBE-4A20 Datasheet
55Kb / 3P
Material specification
logo
Renesas Technology Corp
4A205 RENESAS-4A205 Datasheet
430Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
More results


Similar Description - 4A201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A110 IDT-IDTQS4A110 Datasheet
68Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
IDTQS4A105 IDT-IDTQS4A105 Datasheet
73Kb / 7P
UICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A201 IDT-IDTQS4A201 Datasheet
79Kb / 8P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A105 IDT-IDTQS4A105_14 Datasheet
253Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
logo
Renesas Technology Corp
IDTQS4A101 RENESAS-IDTQS4A101 Datasheet
427Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
APRIL 2014
IDTQS4A105 RENESAS-IDTQS4A105 Datasheet
442Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
APRIL 2014
IDTQS4A110 RENESAS-IDTQS4A110 Datasheet
426Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
APRIL 2014
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com