Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4A205 Datasheet (PDF) - Renesas Technology Corp

4A205 Datasheet PDF - Renesas Technology Corp
Part # 4A205
Download  4A205 Download
File Size   430.89 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX

4A205 Datasheet (PDF)

Go To PDF Page Download Datasheet
4A205 Datasheet PDF - Renesas Technology Corp

Part # 4A205
Download  4A205 Click to download

File Size   430.89 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX

4A205 Datasheet (HTML) - Renesas Technology Corp


4A205 Product details

FEATURES:
• Low ON resistance: rDS(ON) = 5Ω
• Fast transition time: tTRAN = 6ns
• Wide bandwidth: 830MHz (-3dB point)
• Crosstalk: -115dB at 50KHz, -100dB at 5MHz, -66dB at 30MHz
• Off-isolation: -90dB at 50KHz, -60dB at 5MHz, -50dB at 30MHz
• Single 5V supply
• Can be used as multiplexer or demultiplexer
• TTL-compatible control inputs
• Ultra-low quiescent current: 3μA
• Available in QSOP package
APPLICATIONS:
• High-speed video signal switching/routing
• HDTV-quality video signal routing
• Audio signal switching/routing
• Data acquisition
• ATE systems
• Telecomm routing
• Switch between multiple video sources
• Token Ring transceivers
• High-speed networking




Similar Part No. - 4A205

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
4A20 FERROXCUBE-4A20 Datasheet
55Kb / 3P
Material specification
logo
Renesas Technology Corp
4A201 RENESAS-4A201 Datasheet
419Kb / 9P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
APRIL 2014
More results


Similar Description - 4A205

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215 Datasheet
86Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205 Datasheet
88Kb / 7P
HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3251 RENESAS-IDTQS3251 Datasheet
387Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
FEBRUARY 2011
IDTQS3257 RENESAS-IDTQS3257 Datasheet
387Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
FEBRUARY 2011
IDTQS33X257 RENESAS-IDTQS33X257 Datasheet
396Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
AUGUST 2012
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
IDTQS4A215 RENESAS-IDTQS4A215 Datasheet
283Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
JULY 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com