Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD2111 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD2111 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD2111
Download  YD2111 Download
File Size   100.28 Kbytes
Page   5 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 3V AM/FM ONE CHIP TUNER IC

YD2111 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD2111 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD2111
Download  YD2111 Click to download

File Size   100.28 Kbytes
Page   5 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 3V AM/FM ONE CHIP TUNER IC

YD2111 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD2111 Product details

DESCRIPTION

The YD2111 are AM/FM 1 chip tuner ICs, which are designed for portable radios and 3V headphone radios.



FEATURES

*For NEW FCC.

*AM Detector coil, FM IFT, IF coupling condenser are not needed.

*For adopting ceramic discriminator, it is not necessary to adjust the FM quad detector circuit.

 *Built-in FM MPX VCO circuit.

 *Built-in varactor diode for AFC.

 *Built-in AM low cut circuit.

*Low supply current.(Vcc=3V, Tamb=25℃)

Iccq (FM)=9.0mA(typ.)

Iccq (AM)=5.0mA(typ.)

 *Operating Supply Voltage Range: Vcc=1.8~7V(Tamb=25℃)




Similar Part No. - YD2111

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
125Kb / 6P
2111
More results


Similar Description - YD2111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
3V AM/FM 1 CHIP TUNER IC
02-Dec-1998
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
3V AM/FM 1CHIP TUNER IC
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
3V AM/FM 1CHP TUNER IC
logo
STMicroelectronics
TDA7222 STMICROELECTRONICS-TDA7222 Datasheet
289Kb / 7P
3V AM/FM ONE-CHIP RADIO
Feb-1995
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
AM/FM 1 CHIP TUNER IC
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
3V AM / FM 1 CHIP TUNER IC
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
Single-Chip AM/FM Tuner IC
May, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com