Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8127 Datasheet (PDF) - Unisonic Technologies

TA8127 Datasheet PDF - Unisonic Technologies
Part # TA8127
Download  TA8127 Download
File Size   144.63 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3V AM / FM 1 CHIP TUNER IC

TA8127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8127 Datasheet PDF - Unisonic Technologies

Part # TA8127
Download  TA8127 Click to download

File Size   144.63 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3V AM / FM 1 CHIP TUNER IC

TA8127 Datasheet (HTML) - Unisonic Technologies


TA8127 Product details

DESCRIPTION
The UTC TA8127 is the AM / FM 1 chip tuner IC, which is designed for Portable Radios and 3V Headphone Radios.

FEATURES
* Built-in FM F/E, AM / FM IF and FM MPX
* AM Detector Coil and IF Coupling Condenser are not needed.
* Operating Supply Voltage Range
   Vcc=1.8~7.0V (Ta=25°C)




Similar Part No. - TA8127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8127 TOSHIBA-TA8127 Datasheet
499Kb / 16P
3V AM/FM 1CHIP TUNER IC
TA8127F TOSHIBA-TA8127F Datasheet
499Kb / 16P
3V AM/FM 1CHIP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
3V AM/FM 1CHIP TUNER IC
More results


Similar Description - TA8127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
3V AM/FM 1 CHIP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
3V AM/FM 1CHIP TUNER IC
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
3V AM/FM 1CHP TUNER IC
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
3V AM/FM ONE CHIP TUNER IC
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
AM/FM 1 CHIP TUNER IC
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
Single-Chip AM/FM Tuner IC
May, 2013
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com