Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD3308F Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD3308F Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD3308F
Download  YD3308F Download
File Size   77.76 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL EQUALIZER AMPLIFIER WITH ALC

YD3308F Datasheet (PDF)

Go To PDF Page Download Datasheet
YD3308F Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD3308F
Download  YD3308F Click to download

File Size   77.76 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL EQUALIZER AMPLIFIER WITH ALC

YD3308F Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD3308F Product details

DESCRIPTION

The YD3308F is a monolithic integrated circuit consisting of dual equalizer amplifier with ALC. It is suitable for stereo radio cassette tape recorder.



FEATURES

* Dual equalizer amplifier with built-in ALC circuit

* Low noise VNI=1.0μV (typ.)

* High open loop voltage gain: Gvo=80dB (typ.)

* Power voltage range: 4.5~14V

* Good ALC response balance between channels

* Not necessary the diode of transistor for ALC

* Built in power supply muting circuit

* Minimum number of external parts required

* Package: SOP14



 




Similar Part No. - YD3308F

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD3361 YOUDA-YD3361 Datasheet
98Kb / 5P
LOW POWER NARROW BAND IF AMPLIFIER
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
More results


Similar Description - YD3308F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
Equalizer Amplifier With ALC
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
2-Channel Equalizer Ampe With ALC
logo
List of Unclassifed Man...
KA2224 ETC-KA2224 Datasheet
155Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241 UTC-KA22241 Datasheet
213Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
Dual equalizer amplifier with a built-in ALC circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com