Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD339 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD339 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD339
Download  YD339 Download
File Size   102.27 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description QUAD DIFFERENTIAL COMPARATOR

YD339 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD339 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD339
Download  YD339 Click to download

File Size   102.27 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description QUAD DIFFERENTIAL COMPARATOR

YD339 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD339 Product details

DESCRIPTION AND FEATURES

The YD339 consists of four independent voltage comparators designed specifically to operate from a single power supply over a wide voltage range;



 * Single or dual supply operation;

 * Wide operating supply range (VCC=2V~36V or ±1~±18V);

 * Input common-mode voltage includes groud;

 * Low supply current drain: ICC=0.8mA (Typical);

 * Open collector output for wired and connection;

 * Low input bias current Ibias=25nA(Typical);

 * Low output saturation voltage;

 * Output compatable with TTL, DTL, and CMOS logic system。



 




Similar Part No. - YD339

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
YD3361 YOUDA-YD3361 Datasheet
98Kb / 5P
LOW POWER NARROW BAND IF AMPLIFIER
More results


Similar Description - YD339

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com