Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM339 Datasheet (PDF) - Unisonic Technologies

UTCLM339 Datasheet PDF - Unisonic Technologies
Part # UTCLM339
Download  UTCLM339 Download
File Size   42.3 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD DIFFERENTIAL COMPARATOR

UTCLM339 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTCLM339 Datasheet PDF - Unisonic Technologies

Part # UTCLM339
Download  UTCLM339 Click to download

File Size   42.3 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD DIFFERENTIAL COMPARATOR

UTCLM339 Datasheet (HTML) - Unisonic Technologies


UTCLM339 Product details

DESCRIPTION
The UTC LM339 consists of four independent voltage comparators, designed specifically to operate from a single power supply over a wide voltage range.

FEATURES
* Signal or dual supply operation.
* Wide operating supply range(Vcc=2V~36V).
* Input common-mode voltage includes ground.
* Low supply current drain ICC=0.8mA(Typical).
* Open collector outputs for wired and connection.
* Low input bias current Ibias=25nA(Typical).
* Low output saturation voltage.
* Output compatible with TTL, DTL, and CMOS logic system.




Similar Part No. - UTCLM339

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
UTCLM358 UTC-UTCLM358 Datasheet
46Kb / 5P
DUAL OPERATIONAL AMPLIFIER
UTCLM386 UTC-UTCLM386 Datasheet
22Kb / 2P
LOW VOLTAGE AUDIO POWER AMPLIFIER
UTCLM393 UTC-UTCLM393 Datasheet
38Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
More results


Similar Description - UTCLM339

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com