Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM339 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCLM339
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM339 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCLM339 Datasheet HTML 1Page - Unisonic Technologies UTCLM339 Datasheet HTML 2Page - Unisonic Technologies UTCLM339 Datasheet HTML 3Page - Unisonic Technologies UTCLM339 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCLM339
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R104-001,B
BLOCK DIAGRAM
D1
D2
D3
D4
D5
D6
T1
T2
T9
T10
T11
T12
T8
T7
T6
T5
T4
T3
R1
R2
GND
OUT
Vcc
IN (-)
IN (+)
Only one section
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C )
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
+- 18 OR 36
V
Differential input Voltage
VIDiff)
36
V
Input Voltage
VI
-0.3~36V
V
Power Dissipation
Pd
570
mW
Operating Temperature
Topr
0 to +70
°C
Storage Temperature
Tstg
-65 to 150
°C
ELECTRICAL CHARACTERISTICS
(Vcc=5.0V, Ta=25
°C, All voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Input Offset Voltage
VIO
VCM=0 to Vcc-1.5
Vo(p)=1.4V,Rs=0
+-1.5
+-5.0
mV
Input Offset Current
IIO
+-2.3
+-50
nA
Input Bias Current
Ib
57
250
nA
Input Common-Mode Voltage
Range
VI(R)
0
Vcc-
1.5
V
Supply Current
Icc
RL=
∝
1.1
2.0
mA
Large Signal Voltage Gain
GV
Vcc=15V,RL>15k
Ω
50
200
V/mV
Large Signal Response Time
tres
Vi=TTL logic wing
Vref=1.4V,VRL=5V,RL=5.1k
Ω
350
ns
Response Time
tres
VRL=5V,RL=5.1k
Ω
1400
ns
Output Sink Current
Isink
Vi(-)>1V,Vi(+)=0V,Vo(p)<1.5V
6
18
mA
Output Saturation Voltage
Vsat
Vi(-)>1V,Vi(+)=0V,Isink=4mA
140
400
mV
Output Leakage Current
Ileakage
VI(+)=1V,VI(-)=0
Vo(p)= 5V
Vo(p)=30V
0.1
1.0
nA
µA
Differential Input Voltage
VI(diff)
36
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com