Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM339 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLM339
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM339 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLM339 Datasheet HTML 1Page - Unisonic Technologies UTCLM339 Datasheet HTML 2Page - Unisonic Technologies UTCLM339 Datasheet HTML 3Page - Unisonic Technologies UTCLM339 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCLM339
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R104-001,B
QUAD DIFFERENTIAL
COMPARATOR
DESCRIPTION
The UTC LM339 consists of four independent
voltage comparators, designed specifically to operate
from a single power supply over a wide voltage range.
FEATURES
*Signal or dual supply operation.
*Wide operating supply range(Vcc=2V~36V).
*Input common-mode voltage includes ground.
*Low supply current drain ICC=0.8mA(Typical).
*Open collector outputs for wired and connection.
*Low input bias current Ibias=25nA(Typical).
*Low output saturation voltage.
*Output compatible with TTL, DTL, and CMOS logic
system.
DIP-14
SOP-14
PIN CONFIGURATIONS
1
2
3
4
7
6
5
IN 2(-)
IN 1(+)
OUT 2
OUT 1
IN 2(+)
OUT 3
8
9
10
11
12
13
14
IN 1(-)
Vcc
IN 4(+)
IN 4(-)
IN 3(+)
OUT 4
IN 3(-)
GND


Similar Part No. - UTCLM339

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
UTCLM358 UTC-UTCLM358 Datasheet
46Kb / 5P
DUAL OPERATIONAL AMPLIFIER
UTCLM386 UTC-UTCLM386 Datasheet
22Kb / 2P
LOW VOLTAGE AUDIO POWER AMPLIFIER
UTCLM393 UTC-UTCLM393 Datasheet
38Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - UTCLM339

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com