Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5006BA Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5006BA Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5006BA
Download  MA5006BA Download
File Size   249.34 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 1A, 1.2MHz Low Noise Sync. Buck Converter

MA5006BA Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5006BA Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5006BA
Download  MA5006BA Click to download

File Size   249.34 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 1A, 1.2MHz Low Noise Sync. Buck Converter

MA5006BA Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5006BA Product details

GENERAL DESCRIPTION
The MA5006 is a monolithic synchronous buck converter with built-in internal power
MOSFETs. It achieves 1A continuous output current, fixed switching frequency with excellent
load regulation and line regulation.
Current mode operation provides extremely fast transient response and eases of loop
stabilization. Fault condition protection includes cycle-by-cycle current limiting, output short
circuit protection and thermal shutdown. In shutdown mode the regulator draws less than 1μA
of supply current. Internal soft-start minimizes the inrush supply current at initial startup.
The MA5006 requires a minimum number of readily available standard external
components. It is available in SOT23-5L and TSOT23-5L package

FEATURES
- 2.7V to 5.5V Input Voltage Range.
- Up to 1A Output Current.
- 300/200mΩ Internal Power MOSFET Switches.
- Up to 95% Efficiency.
- 40μA Typical Quiescent Current.
- Less than 1μA Shutdown Current.
- 1.2MHz Switching Frequency.
- Internal Compensation and Stable with Low ESR Ceramic Capacitors.
- Internal Build-in Soft-Start Function.
- Thermal Shutdown Protection.
- Current Limit Protection.
- Short-Circuit Protection.
- Output Adjustable from 0.6V to VIN.
- Available in SOT23-5L and TSOT23-5L Pb-Free Package.




Similar Part No. - MA5006BA

ManufacturerPart #DatasheetDescription
logo
ZKTECO CO., LTD. All ri...
MA500 ZKTECO-MA500 Datasheet
696Kb / 2P
Metal Design & Anti-Vandal IP65 Outdoor Fingerprint Access Control
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001B MPOWER-MA5001B Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BA MPOWER-MA5001BA Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BT MPOWER-MA5001BT Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Similar Description - MA5006BA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5110 AME-AME5110 Datasheet
130Kb / 13P
600mA / 1.2MHz PWM Buck DC-DC Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Monolithic Power System...
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
logo
Monolithic Power System...
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
40V, 800mA, 1.2MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com