Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5006BA Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5006BA
Description  1A, 1.2MHz Low Noise Sync. Buck Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5006BA Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5006BA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5006BA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/8
MA5006
Major Power Technology Co., Ltd.
Rev.1.0
8
th, Apr., 2019
PIN ASSIGNMENT
The packages of MA5006 are SOT23-5L and TSOT23-5L. The pin assignment is given by:
1
2
3
4
5
SOT23-5L
TSOT23-5L
FB
VIN
SW
GND
EN
(Top View)
Name
Description
EN
Chip Enable pin. Active high.
Internal pull high.
GND
Ground Pin.
SW
Switching Pin.
VIN
Power Input Pin.
FB
Feedback Pin.
ORDER / MARKING INFORMATION
Order Information (SOT, TSOT)
Top Marking (SOT, TSOT)
MA5006XX X
Package Type
Packing
Blank : Bag
A : Taping
B: SOT23-5L
BT: TSOT23-5L
B
Week: 01~26(A~Z)
27~52(a~z)
Year : 3 = 2013
4 = 2014
ID Code: Internal
2 Y W X
BLOCK DIAGRAM
PWM
CONTROL
LOGIC
+
—
+
-
+
OSCILLATOR
+
-
COMP
ILIMIT
EA
REFERENCE
and BIAS
Soft- Start
UVLO
POR
0.6V
P- SWITCH
EN
FB
GND
SW
VIN
ISEN
Thermal
Shutdown
Driver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com