Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5007 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5007 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5007
Download  MA5007 Download
File Size   190.31 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 1.2A 1.5MHz Synchronous Buck Converter

MA5007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5007 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5007
Download  MA5007 Click to download

File Size   190.31 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 1.2A 1.5MHz Synchronous Buck Converter

MA5007 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5007 Product details

GENERAL DESCRIPTION
The MA5007 is a monolithic synchronous buck regulator with a built in internal power
MOSFET. It achieves 1.2A continuous output current fix switching frequency with excellent
load and line regulation.
Current mode operation provides fast transient response and eases of loop
stabilization.
Fault condition protection includes cycle-by-cycle current limiting, output short circuit
protection and thermal shutdown. In shutdown mode the regulator draws less than 1μA of
supply current. Internal soft-start minimizes the inrush supply current at initial startup.
The MA5007 requires a minimum number of readily available standard external
components. It is available in SOT23-5L package.

FEATURES
- 2.5V to 5.5V input voltage range
- Up to 1.2A Output Current
- 300/200mΩ Internal Power MOSFET Switch
- Stable with Low ESR Output Ceramic Capacitors
- Up to 95% Efficiency
- Less than 1μA Shutdown Current
- Only PWM mode and 1.5Mhz Switching Frequency
- Thermal Shutdown Protection
- Current limit and Short Circuit Protections.
- Output Adjustable from 1V to VIN
- Available in SOT23-5L Pb-Free Package
- Build-in soft start function
- Input UVLO and OVLO protections




Similar Part No. - MA5007

ManufacturerPart #DatasheetDescription
logo
ZKTECO CO., LTD. All ri...
MA500 ZKTECO-MA500 Datasheet
696Kb / 2P
Metal Design & Anti-Vandal IP65 Outdoor Fingerprint Access Control
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001B MPOWER-MA5001B Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BA MPOWER-MA5001BA Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BT MPOWER-MA5001BT Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Similar Description - MA5007

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
ON Semiconductor
NCP6332B ONSEMI-NCP6332B Datasheet
260Kb / 14P
1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
Dual 1.2A 1.5MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com