Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC3406 Datasheet (PDF) - List of Unclassifed Manufacturers

LC3406 Datasheet PDF - List of Unclassifed Manufacturers
Part # LC3406
Download  LC3406 Download
File Size   545.56 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.2A 1.5MHz 7V Synchronous Buck Converter

LC3406 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC3406 Datasheet PDF - List of Unclassifed Manufacturers

Part # LC3406
Download  LC3406 Click to download

File Size   545.56 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.2A 1.5MHz 7V Synchronous Buck Converter

LC3406 Datasheet (HTML) - List of Unclassifed Manufacturers


LC3406 Product details

FEATURES
 High Efficiency: Up to 96%
 Capable of Delivering 1.2A
 1.5MHz Switching Frequency
 No External Schottky Diode Needed
 Low dropout 100% Duty operation
 Internal Compensation and Soft-Start
 Current Mode control
 0.6V Reference for Low Output voltages
 Logic Control Shutdown (IQ<1uA)

APPLICATIONS
 Cellular phones
 Digital Cameras
 MP3 and MP4 players
 Set top boxes
 Wireless and DSL Modems
 USB supplied Devices in Notebooks
 Portable Devices
 Thermal shutdown and UVLO
 Available in SOT23-5

DESCRIPTION
The LC3406 is a high-efficiency, DC-to-DC stepdown
switching regulators, capable of delivering up
to 1.2A of output current. The device operates from
an input voltage range of 2.6V to 7.0V and provides
an output voltage from 0.6V to VIN, making the
LC3406 ideal for low voltage power conversions.
Running at a fixed frequency of 1.5MHz allows the
use of small external components, such as ceramic
input and output caps, as well as small inductors,
while still providing low output ripples. This low
noise output along with its excellent efficiency
achieved by the internal synchronous rectifier,
making LC3406 an ideal green replacement for large
power consuming linear regulators. Internal softstart
control circuitry reduces inrush current. Shortcircuit
and thermal-overload protection improves
design reliability.




Similar Part No. - LC3406

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC340Z SEOUL-LC340Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results


Similar Description - LC3406

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
Dual 1.2A 1.5MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Major-Power Technology ...
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com