Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5201 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5201 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5201
Download  MA5201 Download
File Size   277.04 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 18V/2A High Efficiency Synchronous Step-Down DC/DC Converter

MA5201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5201 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5201
Download  MA5201 Click to download

File Size   277.04 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 18V/2A High Efficiency Synchronous Step-Down DC/DC Converter

MA5201 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5201 Product details

GENERAL DESCRIPTION
The MA5201 is a high efficiency synchronous step-down DC/DC converter series with 2A
continuous output current supplied.
A built-in Under Voltage Lockout (UVLO) circuit is provided to prevent start-up until the input
voltage reaches to 4.6V. In addition, it features over-current protection and thermal shutdown. To
improve the light load efficiency, it is designed as the power saving mode (PSM) to minimize the
switching loss by reducing the switching frequency.
The MA5201 is available in SOT23_6L package.

FEATURES
- Wide 4.6V to 18V Operating Input Range
- Integrated 120/80mΩ Power MOSFET Switches
- Adjustable Output Voltage from 0.6V to 12V
- Power Saving Mode (PSM) during the light Load Operation
- High Efficiency up to 95%
- Adjustable Output Voltage from 0.6V to 12V
- 2A Continuous Output Current
- 500kHz Constant Frequency Operation
- Current Mode Operation
- Over-temperature and Over-current Protection
- Input Under Voltage Lockout (UVLO)
- 10μA Shutdown Current
- RoHS Compliant (100% Green Available)

APPLICATIONS
- Data comm. DSL CPE Graphics Cards
- Set-Top-Box, DVD
- Servers/Networking
- Telecomm Equipment
- LCD Monitor and LCD TV




Similar Part No. - MA5201

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008 Datasheet
2Mb / 23P
Low Profile and Vandal Proof
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008 Datasheet
1Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008_18 Datasheet
1Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
logo
Communications & Power ...
MA52036 CPI-MA52036 Datasheet
471Kb / 1P
ISLS/ IFF switch assembly
logo
List of Unclassifed Man...
MA520ABC008 ETC2-MA520ABC008 Datasheet
2Mb / 22P
2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
More results


Similar Description - MA5201

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com