Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4060B Datasheet (PDF) - Active-Semi, Inc

ACT4060B Datasheet PDF - Active-Semi, Inc
Part # ACT4060B
Download  ACT4060B Download
File Size   705.52 Kbytes
Page   16 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 18V/2A Step-Down DC/DC Converter

ACT4060B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4060B Datasheet PDF - Active-Semi, Inc

Part # ACT4060B
Download  ACT4060B Click to download

File Size   705.52 Kbytes
Page   16 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 18V/2A Step-Down DC/DC Converter

ACT4060B Datasheet (HTML) - Active-Semi, Inc




Similar Part No. - ACT4060B

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
Advanced Crystal Techno...
ACT4060 ACT-ACT4060 Datasheet
260Kb / 2P
SAW filter
ACT4060-448-QCC8C ACT-ACT4060-448-QCC8C Datasheet
260Kb / 2P
SAW filter
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
More results


Similar Description - ACT4060B

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com