Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWR-X8460-DM Datasheet (PDF) - Lanner All Rights Reserved.

LWR-X8460-DM Datasheet PDF - Lanner All Rights Reserved.
Part # LWR-X8460-DM
Download  LWR-X8460-DM Download
File Size   595.36 Kbytes
Page   2 Pages
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.
Description High-Capacity Wi-Fi 6E Tri-Band Access Point

LWR-X8460-DM Datasheet (PDF)

Go To PDF Page Download Datasheet
LWR-X8460-DM Datasheet PDF - Lanner All Rights Reserved.

Part # LWR-X8460-DM
Download  LWR-X8460-DM Click to download

File Size   595.36 Kbytes
Page   2 Pages
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.
Description High-Capacity Wi-Fi 6E Tri-Band Access Point

LWR-X8460-DM Datasheet (HTML) - Lanner All Rights Reserved.


LWR-X8460-DM Product details

Features
• Qualcomm® IPQ8076A Quad-Core@2.2GHz Processor
• Wi-Fi 6E Tri-Band Access Point
• 4x4 MU-MIMO in 2.4GHz, 5GHz and 6GHz
• Comply with IEEE 802.11a/b/g/n/ac/ax
• 12 Internal Antennas for optimal Wi-Fi performance
• BLE 5.1 for IoT management
• Multi-speed GbE WAN port (1/2.5/5/10GbE)
• IEEE802.3bt (PoE++)




Similar Part No. - LWR-X8460-DM

ManufacturerPart #DatasheetDescription
logo
Power-One
LWR-1601-6 POWER-ONE-LWR-1601-6 Datasheet
110Kb / 5P
125 and 250 Watt AC-DC Converters
More results


Similar Description - LWR-X8460-DM

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC4000 TP-LINK-AC4000 Datasheet
1Mb / 9P
MU-MIMO Tri-Band Wi-Fi Router
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118909-1 TEC-2118909-1 Datasheet
688Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344655-1 TEC-2344655-1 Datasheet
553Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
C-2108857 TEC-C-2108857 Datasheet
168Kb / 1P
PCB ANTENNA,CABLE,Wi-Fi 6E TRIPLE BAND
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com