Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86002252 Datasheet (PDF) - Multi-Tech Systems, Inc.

86002252 Datasheet PDF - Multi-Tech Systems, Inc.
Part # 86002252
Download  86002252 Download
File Size   344.25 Kbytes
Page   2 Pages
Manufacturer  MULTITECH [Multi-Tech Systems, Inc.]
Direct Link  https://www.multitech.com/
Logo MULTITECH - Multi-Tech Systems, Inc.
Description Wi-Fi Access Point for CBRS Cellular Networks

86002252 Datasheet (PDF)

Go To PDF Page Download Datasheet
86002252 Datasheet PDF - Multi-Tech Systems, Inc.

Part # 86002252
Download  86002252 Click to download

File Size   344.25 Kbytes
Page   2 Pages
Manufacturer  MULTITECH [Multi-Tech Systems, Inc.]
Direct Link  https://www.multitech.com/
Logo MULTITECH - Multi-Tech Systems, Inc.
Description Wi-Fi Access Point for CBRS Cellular Networks

86002252 Datasheet (HTML) - Multi-Tech Systems, Inc.


86002252 Product details

FEATURES
• LTE Cat 12, TDD bands 42, 43
& 48 with external antennas
• Two-year warranty,
upgradable to five years




Similar Part No. - 86002252

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
86002254 MULTITECH-86002254 Datasheet
809Kb / 3P
Smart Building
2023-04
86002255 MULTITECH-86002255 Datasheet
315Kb / 3P
LoRaWAN® Wireless Dry Contact Sensors
2023-05
86002256 MULTITECH-86002256 Datasheet
388Kb / 3P
LoRaWAN®Wireless Ultrasonic Level Sensors
2023-05
More results


Similar Description - 86002252

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
Taoglas antenna solutio...
MA520ABC008 TAOGLAS-MA520ABC008 Datasheet
2Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi
logo
World Produts Inc.
WPANT10045 WPI-WPANT10045 Datasheet
119Kb / 2P
3G Cellular / Wi-Fi Embedded Antenna
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
Kyocera Kinseki Corpota...
A1000146 KSS-A1000146 Datasheet
2Mb / 16P
Automotive Wi Wi-Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna 2.4 / 5 GHz or 3.3 – 3.8 GHz
Rev 0
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
logo
AVX Corporation
A1000146 AVX-A1000146 Datasheet
2Mb / 16P
Automotive Wi-Fi 6 & Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna
8/22/2022 Rev 0
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com