Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3306AS1G8 Datasheet (PDF) - Renesas Technology Corp

3306AS1G8 Datasheet PDF - Renesas Technology Corp
Part # 3306AS1G8
Download  3306AS1G8 Download
File Size   380.08 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES

3306AS1G8 Datasheet (PDF)

Go To PDF Page Download Datasheet
3306AS1G8 Datasheet PDF - Renesas Technology Corp

Part # 3306AS1G8
Download  3306AS1G8 Click to download

File Size   380.08 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES

3306AS1G8 Datasheet (HTML) - Renesas Technology Corp


3306AS1G8 Product details

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• Very low ON resistance (5Ω typical)
• Zero propagation delay, zero added ground bounce
• Fast turn-on/turn-off time
• Undershoot clamp diodes on all switch and control inputs
• Available in SOIC package
APPLICATIONS:
• Line control
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power conservation
• Capacitance reduction and isolation
• Clock gating
• Bus isolation
• Signal suppression/blanking




Similar Part No. - 3306AS1G8

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3306 VMI-3306 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3306 POMONA-3306 Datasheet
25Kb / 1P
Shielded Aluminum Box Size F Unfinished
logo
Bourns Electronic Solut...
3306 BOURNS-3306 Datasheet
140Kb / 1P
6 mm Round Trimpot Trimming Potentiometer
logo
List of Unclassifed Man...
3306 ETC-3306 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3306 HEYCO-3306 Datasheet
84Kb / 1P
Nylon Cable Clamps
More results


Similar Description - 3306AS1G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
IDTQS3125 IDT-IDTQS3125_11 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
IDTQS3306A IDT-IDTQS3306A_11 Datasheet
212Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL
logo
Renesas Technology Corp
IDTQS3244 RENESAS-IDTQS3244 Datasheet
385Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
FEBRUARY 2011
IDTQS3245 RENESAS-IDTQS3245 Datasheet
251Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
NOVEMBER 2014
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS4A101 RENESAS-IDTQS4A101 Datasheet
427Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
APRIL 2014
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com