Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9230-210EB Datasheet (PDF) - Analog Devices

AD9230-210EB Datasheet PDF - Analog Devices
Part # AD9230-210EB
Download  AD9230-210EB Download
File Size   2422.25 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 170/210/250 MSPS 1.8 V A/D Converter

AD9230-210EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9230-210EB Datasheet PDF - Analog Devices

Part # AD9230-210EB
Download  AD9230-210EB Click to download

File Size   2422.25 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 170/210/250 MSPS 1.8 V A/D Converter

AD9230-210EB Datasheet (HTML) - Analog Devices


AD9230-210EB Product details

PRODUCT DESCRIPTION
The AD9230 is a 12-bit monolithic sampling analog-to-digital converter optimized for high performance, low power, and ease of use. The product operates up to a 250 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband carrier and broadband systems. All necessary functions, including a track-and-hold (T/H) and voltage reference, are included on the chip to provide a complete signal conversion solution.

FEATURES
   SNR = 65.5 dBFs @ fIN up to 70 MHz @ 250 MSPS
   ENOB of 10.6 @ fIN up to 70 MHz @ 250 MSPS (–0.5 dBFS)
   SFDR = 82 dBc@ fIN up to 70 MHz @ 250 MSPS (–0.5 dBFS)
   Excellent Linearity
      DNL = ±0.3 LSB (Typical)
      INL = ±0.5 LSB (Typical)
   LVDS at 250 MSPS (ANSI-644 levels)
   900 MHz Full Power Analog Bandwidth
   On-Chip Reference and Track-and-Hold
   Power Dissipation = 425 mW Typical @ 250 MSPS
   1.25 V Input Voltage Range
   1.8 V Analog Supply Operation
   Output Data Format Option
   Data Clock Output Provided
   Clock Duty Cycle Stabilizer
  
APPLICATIONS
   Wireless and Wired Broadband Communications
   Cable Reverse Path
   Communications Test Equipment
   Radar and Satellite Subsystems
   Power Amplifier Linearization




Similar Part No. - AD9230-210EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230-210EBZ AD-AD9230-210EBZ Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
More results


Similar Description - AD9230-210EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613 AD-AD9613 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com