Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9239 Datasheet (PDF) - Analog Devices

AD9239 Datasheet PDF - Analog Devices
Part # AD9239
Download  AD9239 Download
File Size   1292.36 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC

AD9239 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9239 Datasheet PDF - Analog Devices

Part # AD9239
Download  AD9239 Click to download

File Size   1292.36 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC

AD9239 Datasheet (HTML) - Analog Devices


AD9239 Product details

GENERAL DESCRIPTION
The AD9239 is a quad, 12-bit, 250 MSPS analog-to-digital converter (ADC) with an on-chip temperature sensor and a high speed serial interface. It is designed to support digitizing high frequency, wide dynamic range signals with an input bandwidth up to 780 MHz. The output data are serialized and presented in packet format, consisting of channel-specific information, coded samples, and error correction code.

FEATURES
    4 ADCs in 1 package
    Coded serial digital outputs with ECC per channel
    On-chip temperature sensor
    −95 dB channel-to-channel crosstalk
    SNR = 65 dBFS with AIN = 85 MHz at 250 MSPS
    SFDR = 77 dBc with AIN = 85 MHz at 250 MSPS
    Excellent linearity
        DNL = ±0.3 LSB (typical)
        INL = ±0.7 LSB (typical)
    780 MHz full power analog bandwidth
    Power dissipation = 380 mW per channel at 250 MSPS
    1.25 V p-p input voltage range, adjustable up to 1.5 V p-p
    1.8 V supply operation
    Clock duty cycle stabilizer
    Serial port interface features
        Power-down modes
        Digital test pattern enable
        Programmable header
        Programmable pin functions (PGMx, PDWN)

APPLICATIONS
    Communication receivers
    Cable head end equipment/M-CMTS
    Broadband radios
    Wireless infrastructure transceivers
    Radar/military-aerospace subsystems
    Test equipment




Similar Part No. - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239BCPZ-170 AD-AD9239BCPZ-170 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
More results


Similar Description - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9613 AD-AD9613 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com