Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9239 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9239
Rev. 0 | Page 9 of
40
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
TEMPOUT
RBIAS
AVDD
NC
NC
AVDD
VCM D
AVDD
VIN – D
VIN + D
AVDD
AVDD
AVDD
AVDD
CLK–
17
CLK+
18
AVDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
PGM0
PGM1
PGM2
PGM3
NC
AVDD
VCM A
AVDD
VIN – A
VIN + A
AVDD
AVDD
AVDD
CSB
SCLK
SDI/SDIO
SDO
PIN 1
INDICATOR
AD9239
TOP VIEW
(Not to Scale)
PIN 0 = EPAD = AGND
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE GROUND PLANE
FOR THE LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO
THE CUSTOMER BOARD INCREASES THE RELIABILITY OF THE SOLDER
JOINTS, MAXIMIZING THE THERMAL CAPABILITY OF THE PACKAGE.
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle).
23, 34
DRGND
Digital Output Driver Ground.
4, 7, 9, 12, 13, 14,
15, 18, 20, 21, 41, 42,
43, 46, 48, 55, 57,
60, 61, 62, 64, 65,
66, 69, 71
AVDD
1.8 V Analog Supply.
24, 33
DRVDD
1.8 V Digital Output Driver Supply.
2
TEMPOUT
Output Voltage to Monitor Temperature.
3
RBIAS
External Resistor to Set the Internal ADC Core Bias Current.
8
VCM D
Common-Mode Output Voltage Reference (0.5 × AVDD).
10
VIN − D
ADC D Analog Complement.
11
VIN + D
ADC D Analog True.
16
CLK−
Input Clock Complement.
17
CLK+
Input Clock True.
22
RESET
Digital Output Timing Reset.
25
DOUT + D
ADC D True Digital Output.
26
DOUT − D
ADC D Complement Digital Output.
27
DOUT + C
ADC C True Digital Output.
28
DOUT − C
ADC C Complement Digital Output.
29
DOUT + B
ADC B True Digital Output.
30
DOUT − B
ADC B Complement Digital Output.
31
DOUT + A
ADC A True Digital Output.
32
DOUT − A
ADC A Complement Digital Output.
35
PDWN
Power-Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com