Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867M Datasheet (PDF) - Renesas Technology Corp

SLG46867M Datasheet PDF - Renesas Technology Corp
Part # SLG46867M
Download  SLG46867M Download
File Size   6646.49 Kbytes
Page   209 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET

SLG46867M Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46867M Datasheet PDF - Renesas Technology Corp

Part # SLG46867M
Download  SLG46867M Click to download

File Size   6646.49 Kbytes
Page   209 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET

SLG46867M Datasheet (HTML) - Renesas Technology Corp


SLG46867M Product details

Key Features
 Two High Speed General Purpose Analog Comparators
(ACMPxH)
 Two Low Power General Purpose Analog Comparators
(ACMPxL)
 Two Voltage References (Vref)
 Two Vref Outputs
 Fifteen Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs
 One Selectable Programmable Pattern Generator or
2-bit LUT
 Nine Selectable DFF/LATCH or 3-bit LUTs
 One Selectable Pipe Delay or Ripple Counter, or
3-bit LUT
 One Selectable DFF/LATCH or 4-bit LUTs
 Eight Multi-Function Macrocells
 Seven Selectable DFF/LATCH or 3-bit LUTs + 8-bit
Delay/Counters
 One Selectable DFF/LATCH or 4-bit LUT + 16-bit
Delay/Counter
 Serial Communications
 I2C Protocol Interface
 Programmable Delay with Edge Detector Output
 Deglitch Filter or Edge Detector
 Three Oscillators (OSC)
 2.048 kHz Oscillator
 2.048 MHz Oscillator
 25 MHz Oscillator
 Analog Temperature Sensor
 Power-On Reset (POR)
 Dual P-FET Power Switch
 Read Back Protection (Read Lock)
 Power Supply
 2.5 V (±8 %) to 5 V (±10 %)
 Operating Temperature Range: -40 °C to 85 °C
 RoHS Compliant/Halogen-Free/Pb-Free
 Available Package
 20-pin MSTQFN: 1.6 mm x 3.0 mm x 0.4 mm, 0.4 mm pitch
Applications
 Power Sequencing with Complex Analog Control
 Power Plane Component Size Reduction Project
 Consumer Electronics
 LED Driver
 Haptic Motor Driver
 System RESET with Power Switch




Similar Part No. - SLG46867M

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46867M DIALOG-SLG46867M Datasheet
1Mb / 208P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46867M RENESAS-SLG46867M Datasheet
2Mb / 209P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m/2 A P-FET
5-Feb-2024
SLG46867M-DIP RENESAS-SLG46867M-DIP Datasheet
139Kb / 1P
20-PIN DIP PROTO BOARD SLG46867
logo
Dialog Semiconductor
SLG46867MTR DIALOG-SLG46867MTR Datasheet
1Mb / 208P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46867MTR RENESAS-SLG46867MTR Datasheet
2Mb / 209P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m/2 A P-FET
5-Feb-2024
More results


Similar Description - SLG46867M

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46517 DIALOG-SLG46517 Datasheet
1Mb / 190P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46867 DIALOG-SLG46867 Datasheet
1Mb / 208P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46517 RENESAS-SLG46517 Datasheet
7Mb / 192P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 mΩ/2 A P-FET
2-Mar-2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com