Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47105V Datasheet (PDF) - Renesas Technology Corp

SLG47105V Datasheet PDF - Renesas Technology Corp
Part # SLG47105V
Download  SLG47105V Download
File Size   4236.09 Kbytes
Page   253 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features

SLG47105V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG47105V Datasheet PDF - Renesas Technology Corp

Part # SLG47105V
Download  SLG47105V Click to download

File Size   4236.09 Kbytes
Page   253 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features

SLG47105V Datasheet (HTML) - Renesas Technology Corp


SLG47105V Product details

Key Features
 Two Power Supply Inputs:
 2.5 V (±8 %) to 5.0 V (±10 %) VDD
 3.3 V (±9 %) to 12.0 V (±10 %) VDD2
 Four High Voltage High Current Drive GPOs
 Dual/Single Full Bridge Driver Option
 Quad/Dual/Single Half Bridge Driver Option
 Slew Rate Modes:
 Motor Driver Mode
 Pre-Driver (MOSFET Driver) Mode
 SLEEP Function
 Low RDS ON High Side + Low Side resistance = 0.4 W
 2 A Peak, 1.5 A RMS per Full Bridge (at VDD2 = 5 V,
T = 25 °C) (Note 1)
 4 A Peak, 3 A RMS per two Full Bridge connected in
parallel (at VDD2 = 5 V, T = 25 °C) (Note 1)
 2 A Peak, 1.5 A RMS per Half Bridge GPO
(at VDD2 = 5 V, T = 25 °C) (Note 1)
 Integrated Protections:
Over Current Protection (OCP)
Short Circuit Protection
Under-Voltage Lockout (UVLO)
Thermal Shutdown (TSD)
 SENSE_A, SENSE_B Inputs that are connected to the
Current Comparators for Current Control
 Fault Signal Indicator individual per Full Bridge:
OCP
UVLO
TSD
 Differential Amplifier with Integrator and Comparator for Motor Speed Control Function
 Two Current Sense Comparators with Dynamical Vref Mode
 Two High-Speed General Purpose ACMPs
 Modes: UVLO, OCP, TSD, Voltage Monitor, Current Monitor




Similar Part No. - SLG47105V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG47105V DIALOG-SLG47105V Datasheet
3Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
SLG47105VTR DIALOG-SLG47105VTR Datasheet
3Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
More results


Similar Description - SLG47105V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
SLG47105 DIALOG-SLG47105 Datasheet
3Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG47115 RENESAS-SLG47115 Datasheet
4Mb / 256P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Mar 1, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com