Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7120 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7120 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7120
Download  MA7120 Download
File Size   120.84 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Phase Hall Effect Smart Fan Driver

MA7120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7120 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7120
Download  MA7120 Click to download

File Size   120.84 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Phase Hall Effect Smart Fan Driver

MA7120 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7120 Product details

GENERAL DESCRIPTION
The MA7120 is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device includes an on-chip Hall sensor for magnetic
sensing, an amplifier that amplifies the Hall voltage, a comparator to provide switching
hysteresis for noise rejection, bi-directional drivers for sinking and driving large current load.
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if
the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This
function repeats while rotor is blocked. Until the blocking is removed, the motor recovers
running normally.

FEATURES
- On-Chip High Sensitivity Hall-effect Sensor
- Operating Voltage: 2.5V to 28V
- H-Bridge Output Drivers for Single Coil
- Thermal Shutdown Protection
- Low Output Switching Current Noise
- -40°C to 125°C Operating Temperature
- Rotor-locked Shutdown and Automatically Restart Function
- Built-in Reverse Protection Diode
- Start-up Voltage: 2.1V(minimum)
- For 5V/12V/24V DC motor / FAN systems
- Low Profile SIP-4L Package




Similar Part No. - MA7120

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA7120 PANASONIC-MA7120 Datasheet
58Kb / 4P
Silicon planar type
More results


Similar Description - MA7120

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH280 ANACHIP-AH280 Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
logo
Diodes Incorporated
AH5771 DIODES-AH5771 Datasheet
173Kb / 6P
SINGLE PHASE HALL EFFECT LATCH SMART FAN
AH5771 Rev. 3
logo
Major-Power Technology ...
MA7110 MPOWER-MA7110 Datasheet
531Kb / 9P
Single Phase Hall Effect Smart Fan Driver
MA7130 MPOWER-MA7130 Datasheet
203Kb / 8P
Single Phase Hall Effect Fan Driver
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477L MPOWER-MA477L Datasheet
116Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA477MM MPOWER-MA477MM Datasheet
174Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA7121 MPOWER-MA7121 Datasheet
104Kb / 2P
Single Phase Hall Effect Smart Fan Driver
Rev.0.1
MA7131 MPOWER-MA7131 Datasheet
122Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA7132 MPOWER-MA7132 Datasheet
139Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com