Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH5771 Datasheet (PDF) - Diodes Incorporated

AH5771 Datasheet PDF - Diodes Incorporated
Part # AH5771
Download  AH5771 Download
File Size   173.89 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE HALL EFFECT LATCH SMART FAN

AH5771 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH5771 Datasheet PDF - Diodes Incorporated

Part # AH5771
Download  AH5771 Click to download

File Size   173.89 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE HALL EFFECT LATCH SMART FAN

AH5771 Datasheet (HTML) - Diodes Incorporated


AH5771 Product details

General Description
AH5771 is the integrated Hall sensor with output drivers designed for electrical commutation of brush-less DC motor application. The device is as follows: one-chip Hall voltage generator for magnetic sensing; the error amplifier that amplifies the Hall voltage; a comparator is to provide switching hysteresis for noise rejection; the full bridge driver for sinking and driving current load. Internal band gap regulator is used to provide temperature compensated bias for internal circuits and allows a wide operating supply voltage range. The device includes features such as Rotor Lock Protection with rotor lock detection and automatic self-restart to avoid damage to the coil when the rotor is blocked. AH5771 is rated for operation over-temperature range from -40℃ to 100℃ and voltage range from 2.5V to 15V. The device is available in low profile package SIP-4L.

Features
• Support single-phase full wave min fan driver
• Built-in Hall sensor input amplifier
• Low voltage startup ( Vdd=2.5V )
• Lock detection and automatic self-restart
• Without external timing capacitor, Reduces the numbers of external component required
• Low profile package : SIP-4L
• SIP-4L: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)




Similar Part No. - AH5771

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5772 DIODES-AH5772 Datasheet
545Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
AH5772-P-B DIODES-AH5772-P-B Datasheet
545Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
AH5773 DIODES-AH5773 Datasheet
869Kb / 17P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 2
AH5773-FDC-7 DIODES-AH5773-FDC-7 Datasheet
869Kb / 17P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 2
AH5775 DIODES-AH5775 Datasheet
871Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
More results


Similar Description - AH5771

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5798 DIODES-AH5798 Datasheet
133Kb / 9P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
AH5798 Rev. 1
AH5798_1002 DIODES-AH5798_1002 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS32001 Rev. 2 - 2
AH5792 DIODES-AH5792_10 Datasheet
209Kb / 10P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS314641 Rev. 6 - 2
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH5795 DIODES-AH5795 Datasheet
216Kb / 13P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
Rev 1
AH5794 DIODES-AH5794 Datasheet
228Kb / 13P
SINGLE PHASE HALL EFFECT LATCH FAN MOTOR DRIVER
Rev 1
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
logo
Major-Power Technology ...
MA7110 MPOWER-MA7110 Datasheet
531Kb / 9P
Single Phase Hall Effect Smart Fan Driver
MA7120 MPOWER-MA7120 Datasheet
120Kb / 2P
Single Phase Hall Effect Smart Fan Driver
Rev.0.1
MA7121 MPOWER-MA7121 Datasheet
104Kb / 2P
Single Phase Hall Effect Smart Fan Driver
Rev.0.1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com