Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7611 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7611 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7611
Download  MA7611 Download
File Size   127.71 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Complementary Output Hall Effect Fan Driver

MA7611 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7611 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7611
Download  MA7611 Click to download

File Size   127.71 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Complementary Output Hall Effect Fan Driver

MA7611 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7611 Product details

GENERAL DESCRIPTION
MA7611 is integrated Hall sensors with output drivers, mainly designed for electronic
commutation of brush-less DC Fan. This IC is using HV BCD process internally includes the
regulator, protecting diode, Hall plate, amplifier, comparator, and a pair of complementary
open-Drain outputs (DO, DOB).
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if
the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This
function repeats while rotor is blocked. Until the blocking is removed, the motor recovers
running normally.

FEATURES
- Wide Operating Voltage Range: 4V~20V
- Built-in Zener Diodes Protect Outputs
- Output Sink Current up to 0.4A
- On-Chip High Sensitivity Hall-effect Sensor
- Thermal Shutdown Protection
- -40°C to 125°C Operating Temperature
- For 5V and 12V DC motor / FAN systems
- Low Profile SIP-3L & SOT23-3L Packages




Similar Part No. - MA7611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA761.B.BICG-.003 ETC2-MA761.B.BICG-.003 Datasheet
3Mb / 40P
Pantheon Antenna 4in1 MA761
logo
Taoglas antenna solutio...
MA761.B.BICG.003 TAOGLAS-MA761.B.BICG.003 Datasheet
3Mb / 40P
RoHS Compliant
MA761.B.BICG.003 TAOGLAS-MA761.B.BICG.003 Datasheet
3Mb / 28P
Pantheon Antenna 4in1 MA761 Screw-Mount
MA761.B.BICG.003 TAOGLAS-MA761.B.BICG.003_17 Datasheet
3Mb / 28P
Pantheon Antenna 4in1 MA761 Screw-Mount
logo
Murata Manufacturing Co...
MA76101BAN MURATA-MA76101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA7611

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA276 MPOWER-MA276 Datasheet
235Kb / 5P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA211K MPOWER-MA211K Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.1
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.0
MA284 MPOWER-MA284 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA7212 MPOWER-MA7212 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com