Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM260B Datasheet (PDF) - Leshan Radio Company

CSM260B Datasheet PDF - Leshan Radio Company
Part # CSM260B
Download  CSM260B Download
File Size   428.64 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A

CSM260B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM260B Datasheet PDF - Leshan Radio Company

Part # CSM260B
Download  CSM260B Click to download

File Size   428.64 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A

CSM260B Datasheet (HTML) - Leshan Radio Company


CSM260B Product details

1. FEATURES
• We declare that the material of product complies with
RoHS requirements and Halogen Free.
• S- prefix for automotive and other applications requiring unique
site and control change requirements; AEC-Q101 qualified
and PPAP capable.
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
• Low power loss, high efficiency.
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
• High temperature soldering guaranteed: 260°C/10 seconds.
• Weight: 0.088g




Similar Part No. - CSM260B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM2-10 MACOM-CSM2-10 Datasheet
236Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
logo
M/A-COM Technology Solu...
CSM2-10 MA-COM-CSM2-10 Datasheet
91Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-10 MA-COM-CSM2-10 Datasheet
91Kb / 3P
PCS/WLL Applications
logo
Tyco Electronics
CSM2-13 MACOM-CSM2-13 Datasheet
216Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
logo
M/A-COM Technology Solu...
CSM2-13 MA-COM-CSM2-13 Datasheet
100Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
More results


Similar Description - CSM260B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM2150A LRC-SM2150A Datasheet
182Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
logo
First Silicon Co., Ltd
FDR240F FS-FDR240F Datasheet
719Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 40V Forward Current 2.0A
logo
Leshan Radio Company
SB2150 LRC-SB2150 Datasheet
256Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 2.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
AiT Semiconductor Inc.
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com