Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM360B Datasheet (PDF) - Leshan Radio Company

CSM360B Datasheet PDF - Leshan Radio Company
Part # CSM360B
Download  CSM360B Download
File Size   325.79 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A

CSM360B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM360B Datasheet PDF - Leshan Radio Company

Part # CSM360B
Download  CSM360B Click to download

File Size   325.79 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A

CSM360B Datasheet (HTML) - Leshan Radio Company


CSM360B Product details

1. FEATURES
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
• Low power loss, high efficiency.
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
• Guarding for over voltage protection.
• High temperature soldering guaranteed:260°C/10 seconds.
• We declare that the material of product complies with RoHS
requirements and Halogen Free.
• S- prefix for automotive and other applications requiring unique
site and control change requirements; AEC-Q101 qualified and
PPAP capable.
• Weight: 0.11g




Similar Part No. - CSM360B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results


Similar Description - CSM360B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM3150A LRC-SM3150A Datasheet
181Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com