Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM360B Datasheet(PDF) 3 Page - Leshan Radio Company

Part # CSM360B
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM360B Datasheet(HTML) 3 Page - Leshan Radio Company

  CSM360B Datasheet HTML 1Page - Leshan Radio Company CSM360B Datasheet HTML 2Page - Leshan Radio Company CSM360B Datasheet HTML 3Page - Leshan Radio Company CSM360B Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6. OUTLINE AND DIMENSIONS
7. SOLDERING FOOTPRINT
DIM MIN TYP MAX
A 2.20 2.35 2.50
A1 0.05 0.10 0.20
b 1.80 2.00 2.20
c 0.10 0.20 0.30
D 3.30 3.75 3.94
E 4.06 4.40 4.60
HE 5.20 5.31 5.45
L 0.90 1.30 1.60
CSMB
All Dimensions in mm
DIM
(mm)
X
1.60
Y
2.20
C
4.60
CSMB
Leshan Radio Company, LTD.
3/3
CSM360B
Surface Mount Schottky Barrier Rectifiers
Rev.O Jun. 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com