Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM360B Datasheet(PDF) 2 Page - Leshan Radio Company

Part # CSM360B
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM360B Datasheet(HTML) 2 Page - Leshan Radio Company

  CSM360B Datasheet HTML 1Page - Leshan Radio Company CSM360B Datasheet HTML 2Page - Leshan Radio Company CSM360B Datasheet HTML 3Page - Leshan Radio Company CSM360B Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.ELECTRICAL CHARACTERISTICS CURVES
Leshan Radio Company, LTD.
2/3
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Case Temperature, °C
Fig 3. – Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
Fig 5. – Typical Junction Capacitance
0
25 50 75 100 125 150 175
1
100
0.3
0.3
0.4
0.3
0.4
0.3
0.8
0.1
100
200
100
10
10
1.0
0.1
0.01
100
3.0
1.5
0
80
40
0
8.0mm² (.013mm thick) land areas
Sine-wave
TJ = TJ max
8.3ms Single Half
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
10
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
1
10
Reverse Voltage (V)
0.001
000
20
00
10
1.0
0.1
0.01
Tj=100℃
Tj=75℃
Tj=25℃
CSM360B
Surface Mount Schottky Barrier Rectifiers
Rev.O Jun. 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com