Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-CSM10200C Datasheet (PDF) - Leshan Radio Company

S-CSM10200C Datasheet PDF - Leshan Radio Company
Part # S-CSM10200C
Download  S-CSM10200C Download
File Size   364.06 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Schottky Barrier Rectifiers Reverse Voltage 200V Forward Current 10.0A

S-CSM10200C Datasheet (PDF)

Go To PDF Page Download Datasheet
S-CSM10200C Datasheet PDF - Leshan Radio Company

Part # S-CSM10200C
Download  S-CSM10200C Click to download

File Size   364.06 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Schottky Barrier Rectifiers Reverse Voltage 200V Forward Current 10.0A

S-CSM10200C Datasheet (HTML) - Leshan Radio Company


S-CSM10200C Product details

FEATURES
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
• Low power loss, high efficiency.
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
• High temperature soldering guaranteed: 260℃/10 seconds.
• We declare that the material of product complies with
RoHS requirements and Halogen Free.
• S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
• Weight: 0.26g




Similar Part No. - S-CSM10200C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S-CSM260B LRC-S-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
S-CSM360A LRC-S-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results


Similar Description - S-CSM10200C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
SB5150 LRC-SB5150 Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
logo
Formosa MS
SKFM1020C-D2 FORMOSA-SKFM1020C-D2 Datasheet
169Kb / 7P
10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
GOOD-ARK Electronics
FS12CH GOOD-ARK-FS12CH_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
logo
Leshan Radio Company
SB2150 LRC-SB2150 Datasheet
256Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 2.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com