Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9732 Datasheet (PDF) - Belden Inc.

9732 Datasheet PDF - Belden Inc.
Part # 9732
Download  9732 Download
File Size   167.66 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω

9732 Datasheet (PDF)

Go To PDF Page Download Datasheet
9732 Datasheet PDF - Belden Inc.

Part # 9732
Download  9732 Click to download

File Size   167.66 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω

9732 Datasheet (HTML) - Belden Inc.


9732 Product details

Product Description
Computer EIA RS-232/422, Digital Audio Cable, 9-Pair, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, individually shielded with
Beldfoil® (100% coverage), 24 AWG stranded tinned copper drain wire, overall PVC jacket.




Similar Part No. - 9732

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9732 3M-9732 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Wurth Elektronik GmbH &...
973200365 WURTH-973200365 Datasheet
222Kb / 3P
WA-SNTI Plastic Spacer Stud
001.001
logo
KNIPEX
9732240 KNIPEX-9732240 Datasheet
310Kb / 2P
Crimping Pliers
05.07.2021
logo
Wurth Elektronik GmbH &...
973250365 WURTH-973250365 Datasheet
222Kb / 3P
WA-SNTI Plastic Spacer Stud
001.001
More results


Similar Description - 9732

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1425A BELDEN-1425A Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9683 BELDEN-9683 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-9pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9728 BELDEN-9728 Datasheet
155Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9730 BELDEN-9730 Datasheet
198Kb / 2P
RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731 BELDEN-9731 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9734 BELDEN-9734 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-12pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9735 BELDEN-9735 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9736 BELDEN-9736 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-17pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9737 BELDEN-9737 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-19pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
1419A BELDEN-1419A Datasheet
194Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com